PART |
Description |
Maker |
VHP203TP120K50AB VHP203JTP120K50AB VHP203TP120K50B |
Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
|
Vishay Siliconix
|
Y4063-20KBDKR Y4063-1.0KBDKR Y4066-10KBDKR Y4066-1 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Siliconix
|
Y4485V0001AT9R |
Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
|
Vishay Siliconix
|
Y2123420R220F0L Y2123420R220A0L Y2123420R220A9L Y2 |
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 隆戮 0.05 ppm/隆?C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C,
|
Vishay Siliconix
|
Z201250R00AB Z201250R00BB Z201250R00CB Z201250R00D |
Ultra High Precision Z-Foil Resistor with TCR of 【 0.05 ppm/∑C, PCR of 5 ppm at Rated Power, Tolerance of 【 0.005 % Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 卤 0.05 ppm/掳C, PCR of 5 ppm at Rated Power, Tolerance of 卤 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 隆戮 0.05 ppm/隆?C, PCR of 5 ppm at Rated Power, Tolerance of 隆戮 0.005 %
|
Vishay Siliconix
|
Y1622350R650A0L Y1622350R650A9L Y1622350R650B0L Y1 |
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Tolerance to 卤 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C, Tolerance to 【 0.01 % and Power Rating to 8 W
|
Vishay Siliconix
|
VCS232Z |
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 0.05 ppm/∑C and Load Life Stability to 0.005%
|
Vishay Intertechnology,Inc.
|
Y1636397R000T0W Y1636392R000T0R Y1636397R000T0R Y1 |
RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 392 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 397 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
SMR1D07 |
High Precision Bulk Metal垄莽 Foil Molded Surface Mount Resistor High Precision Bulk Metal? Foil Molded Surface Mount Resistor
|
Vishay Siliconix
|
1280G07 1285G100RJ 1285G100RK 1280G100RK 1280G100R |
Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers 3/4 Bulk Metal? Foil Technology Precision Trimming Potentiometers 3/4 Bulk Metal庐 Foil Technology Precision Trimming Potentiometers 3/4
|
Vishay Siliconix
|
SMRC1D |
Bulk Metal? Foil Technology Surface Mount Precision Resistor Bulk Metal庐 Foil Technology Surface Mount Precision Resistor Bulk Metal㈢ Foil Technology Surface Mount Precision Resistor
|
Vishay Siliconix
|
S102K S106D S102J S102C |
High Precision Foil Resistor with TCR of 【 2.0 ppm/∑C, Tolerance of 【 0.005 % and Load Life Stability of 【 0.005 % High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
|
Vishay Siliconix
|